Part Number Hot Search : 
66101 EL5191C MB254 C812C ST10F26 CGRM4006 MAX5725A 2412D
Product Description
Full Text Search
 

To Download SR308 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHOTTKY BARRIER RECTIFIER
SR302 THRU SR310
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
20 to 100 Volts 3.0 Ampere
DO-27
Fast switching Low forward voltage Low power loss for high efficiency High surge capability High temperature soldering guaranteed 250/10 seconds,0.373"(9.5mm)lead length
MECHANICAL DATA
* * * * * *
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Lead: solderable per MIL-STD-202E method 208C Polarity: Color band denoted cathode end Mounting position: Any Weight: 0.042 ounce, 1.19 gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SYMBOLS SR302 SR303 Maximum Repetitive Peak Reverse Voltage VRRM 20 30 Maximum RMS Voltage VRMS 14 21 Maximum DC Blocking Voltage VDC 20 30
Maximum Average Forward Rectified Current 0.375(9.5mm) lead length ,(Note 1) TL =100 Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage @ 3.0A Maximum DC Reverse Current at rated TA = 25 DC Blocking Voltage per element TA = 125 (Note 1) Typical Junction Capacitance(measured at 1.0Hzand applied reverse voltage of 4.0V) Typical Thermal Resistance (NOTE 2) Operating Junction Temperature Range Storage Temperature Range * * *
SR304 40 28 40
SR305 50 35 50 3.0 80
SR306 SR308 SR310 60 80 100 42 56 70 60 80 100
UNIT Volts Volts Volts Amps Amps
I(AV) IFSM VF IR CJ RJA TJ TSTG 0.55
0.75 0.5 30 250 15 (-55 to +150) (-55 to +150)
0.85
Volts mA pF
/W
Notes: 1. Pulse test:300s pulse width,1%duty cycle 2. Thermal resistance from junction to ambient P.C.B. mounted with 0.375"(9.5mm)lead length with 2.5"x2.5"(63.5x63.5cm) copper pads
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SCHOTTKY BARRIER RECTIFIER
SR302 THRU SR310
VOLTAGE RANGE CURRENT
20 to 100 Volts 3.0 Ampere
RATING AND CHRACTERISTIC CURVES SR302 THRU SR310
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT,
3.0
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE
100
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax j 60
2.0
(A)
Single Phase Half Wave 60Hz
1.0
Inductive or Resistive Load 0.375(9.5mm) Lead Length
40
1 Cycle 0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 80 100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100 SR252-254
FIG.4-TYPICAL REVERSE CHARACTERISTICS INSTANTANEOUS REVERSE CURRENT,
INSTANTANEOUS FORWARD CURRENT,
SR255-2510
10
T J =125 C
(A)
1.0
TJ =25 C
PULSE WIDTH=300s DUTY CYCLE 1%
(A)
T J =75 C
0.1
TJ =25 C
SR302-SR304 SR305-SR310
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE,(V) PERCENT OF RATED PEAK FIG.5-TYPICAL JUNCTION CAPACITANCE
1000
REVERSE VOLTAGE,(%)
JUNCTION CAPACITANCE,(pF)
100
TJ =25 C f=1MHz Vsig=50mVp-p
10 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SR308

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X